Part Number Hot Search : 
EL5164IS LO40SX 75000 4528B ESD11 PMD10K80 TDA7261 ZBNG4001
Product Description
Full Text Search
 

To Download NRSAR47M63V8X115TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
RADIAL LEADS, POLARIZED, STANDARD CASE SIZING
NRSA Series
(today's standard)
NRSA
(reduced sizes)
NRSS
includes all homogeneous materials *See Part Number System for Details
6.3 ~ 100 VDC 0.47 ~ 10,000F -40 ~ +85C + 20% (M) 0.03CV or 4A , whichever is greater 0.01CV or 3A , whichever is greater W.V. (Vdc) 6.3 10 16 25 35 50 63 100 S.V. (Vdc) 8 13 20 32 44 63 79 125 C < 1,000F 0.24 0.20 0.16 0.14 0.12 0.10 0.10 0.10 C = 2,200F 0.24 0.21 0.18 0.16 0.14 0.12 0.11 C = 3,300F 0.26 0.23 0.20 0.18 0.16 0.14 0.13 C = 4,700F 0.28 0.25 0.22 0.20 0.18 0.20 C = 6,800F 0.32 0.29 0.26 0.24 C = 10,000F 0.40 0.37 0.34 0.32 Z-25C/Z+20C 4 3 2 2 2 2 2 2 Z-40C/Z+20C 10 8 6 4 3 3 3 3 Capacitance Change Within +20% of initial measured value Tan Less than 200% of specified maximum value Leakage Current Less than specified maximum value Capacitance Change Within +20% of initial measured value Tan Less than 200% of specified maximum value Leakage Current Less than specified maximum value
RoHS Compliant
CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance After 1 min. Max. Leakage Current @ (20oC) After 2 min.
Max. Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz
Load Life Test at Rated W.V. 85C 2,000 Hours
Shelf Life Test 85C 1,000 Hours No Load
Note: Capacitors shall conform to JIS-C-5141, unless otherwise specified here.
PERMISSIBLE RIPPLE CURRENT (mA rms AT 120HZ AND 85OC)


MAXIMUM ESR ( AT 120HZ AND 20OC)
















Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz) ~ 47F 100 ~ 470F 1000F ~ 2200 ~ 10000F 50 0.75 0.80 0.85 0.85 120 1.00 1.00 1.00 1.00 300 1.35 1.23 1.10 1.03 1K 1.57 1.34 1.13 1.05 10K 2.00 1.50 1.15 1.08
(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
45
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCTS AND CASE SIZE TABLE: D x L (mm)
Cap (F)
0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10,000
NRSA Series
Code
R47 1R0 2R2 3R3 4R7 100 220 330 470 101 151 221 331 471 681 102 152 222 332 472 682 103
Working Voltage (WVDC)
6.3
6.3 x 11 8 x 11.5 10x12.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31
10
5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 20 12.5 x 25 16 x 25 16 x 31 18 x 36
16
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 12.5 x 25 16 x 25 16 x 31 18 x 36 22 x 36
25
5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25 16 x 31 18 x 36 22 x 36 22 x 36
35
5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 25 16 x 25 16 x 31 18 x 36 22 x 36 -
50
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 31 18 x 36 22 x 36 22 x 42 -
63
5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25 16 x 31 18 x 36 18 x 36 22 x 42 -
100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 20 16 x 25 16 x 25 16 x 31 -
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D)
Leads Dia. (d) Lead Spacing (F) Dim.
DIMENSIONS (mm)
16
0.8 7.5 0.5
5
0.5 2.0 0.5
6.3
0.5 2.5 0.5
8
0.6 3.5 0.5
10
0.6 5.0 0.5
12.5
0.6 5.0 0.5
18
0.8 7.5 0.5
22
0.8 10 1.0
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
PART NUMBERING SYSTEM
NRSA 101 M 25V 6.3X11 TR
RoHS Compliant Tape and Reel* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
F
Series
*see tape specification for details
(R)
46
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSAR47M63V8X115TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X